ds30834 rev. 7 - 2 1 of 3 www.diodes.com bc856as ? diodes incorporated bc856as dual pnp surface mount small signal transistor features ? ideally suited for automatic insertion ? for switching and af amplifier applications ? complementary npn types available (bc846as) ? lead free/rohs compliant (note 1) ? "green" device (note 4 and 5) mechanical data ? case: sot-363 ? case material: molded plastic. ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020c ? terminals: solderable per mil-std-202, method 208 ? lead free plating (matte tin finish annealed over alloy 42 leadframe). ? pin connections: see diagram ? marking codes: see page 3 ? ordering & date code information: see page 3 ? weight: 0.006 grams (approximate) sot-363 new product dim min max a 0.10 0.30 b 1.15 1.35 c 2.00 2.20 d 0.65 nominal f 0.30 0.40 h 1.80 2.20 j ? 0.10 k 0.90 1.00 l 0.25 0.40 m 0.10 0.25 0 8 all dimensions in mm maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit collector-base voltage v cbo -80 v collector-emitter voltage v ceo -65 v emitter-base voltage v ebo -5.0 v collector current i c -100 ma peak collector current i cm -200 ma peak emitter current i em -200 ma power dissipation (note 2) p d 200 mw thermal resistance, junction to ambient (note 2) r ja 625 c/w operating and storage temperature range t j , t stg -65 to +150 c electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition collector-base breakdown voltage (note 3) v (br)cbo -80 ? ? v i c = 10 a, i b = 0 collector-emitter breakdown voltage (note 3) v (br)ceo -65 ? ? v i c = 10ma, i b = 0 emitter-base breakdown voltage (note 3) v (br)ebo -5 ? ? v i e = 1 a, i c = 0 dc current gain (note 3) h fe 125 180 250 ? v ce = -5.0v, i c = -2.0ma collector-emitter saturation voltage (note 3) v ce(sat) ? -75 -250 -300 -650 mv i c = -10ma, i b = -0.5ma i c = -100ma, i b = -5.0ma base-emitter saturation voltage (note 3) v be(sat) ? ? -700 -850 ? mv i c = -10ma, i b = -0.5ma i c = -100ma, i b = -5.0ma base-emitter voltage (note 3) v be(on) -600 ? -650 ? -750 -820 mv v ce = -5.0v, i c = -2.0ma v ce = -5.0v, i c = -10ma collector-cutoff current (note 3) i ces i cbo i cbo ? ? ? ? ? ? -15 -15 -4.0 na na a v ce = -80v v cb = -30v v cb = -30v, t a = 150c gain bandwidth product f t 100 ? ? mhz v ce = -5.0v, i c = -10ma, f = 100mhz collector-base capacitance c cb ? 3 ? pf v cb = -10v, f = 1.0mhz notes: 1. no purposefully added lead. 2. device mounted on fr-4 pcb; pad lay out as shown on page 3 or on diodes inc. sugge sted pad layout document ap02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf . 3. short duration pulse test used to minimize self-heating effect. 4. diodes inc.'s "green" policy can be found on our website at http://www.diodes.c om/products/lead_free/index.php. 5. product manufactured with date code uo (week 40, 2007) and newer are built with green molding compound. product manufactu red prior to date code uo are built with non-green molding co mpound and may contain halogens or sb2o3 fire retardants. c 1 654 3 2 1 b 2 e 2 e 1 b 1 c 2 a m j l d c b h k f top view
ds30834 rev. 7 - 2 2 of 3 www.diodes.com bc856as ? diodes incorporated 0 50 100 25 50 75 100 125 150 p , p o we r dissi p a t i o n (mw) d t , ambient temperature (c) a 150 200 250 0 fig. 1 power derating curve (note 2) new product
ds30834 rev. 7 - 2 3 of 3 www.diodes.com bc856as ? diodes incorporated new product ordering information (note 6) device packaging shipping BC856AS-7 sot-363 3000/tape & reel notes: 6. for packaging details, go to our websit e at http://www.diodes.c om/datasheets/ap02007.pdf. marking information ym kps ym kps kps = product type marking code ym = date code marking y = year ex: u = 2007 m = month ex: 9 = september data code key year 2007 2008 2009 2010 2011 2012 code u v w x y z month jan feb mar apr may jun jul aug sep oct nov dec code 1 2 3 4 5 6 7 8 9 o n d important notice diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to any product herein. diodes incorporat ed does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its paten t rights, nor the rights of others. the user of products in such applications shall assume all risks of such use and will agree to hold diodes inco rporated and all the companies whose products ar e represented on our website, harmless against all damages. life support diodes incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the president of diodes incorporated.
|